Part Number Hot Search : 
G1320 A1908 U1ZB75 U1ZB75 BDR2G HS5087 7805T 2SC3544
Product Description
Full Text Search
 

To Download TS4B06G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 ts4b01g - ts4b07g single phase 4.0 amps. glass passivated bridge rectifiers ts4b     
                

            
       
    
 
    
  
 features  ul recognized file # e-96005  glass passivated junction  ideal for printed circuit board  reliable low cost construction  plastic material has underwriters laboratory flammability classification 94v-0  surge overload rating to 120 amperes peak  high case dielectric strength of 2000v rms  high temperature soldering guaranteed: 260 o c / 10 seconds at 5 lbs. ( 2.3 kg ) tension mechanical data  case: molded plastic  weight: 0. 15 ounce, 4 grams  mounting torque: 5 in. lbs. max. maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol ts4b 01g ts4b 02g ts4b 03g ts4b 04g ts4b 05g ts4b 06g ts4b 07g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t c = 115 o c i (av) 4.0 a peak forward surge current, 8.3 ms single half sne-wave superimposed on rated load (jedec method ) i fsm 120 a maximum instantaneous forward voltage @ 2.0a @ 4.0a v f 1.0 1.1 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 500 ua ua typical thermal resistance (note) r jc 5.5 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to + 150 o c note: thermal resistance from junction to case with device mounted on 2? x 3? x 0.25? al-plate heatsink.
r a ting s an d characteristi c cu r ve s (ts4b01 g thr u ts4b07g) fig.2- typical reverse characteristics per bridge element instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 fig.3- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 10 5 2 150 20 100 0 25 125 75 150 50 100 175 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.5- typical forward per bridge element characteristics instantaneous for ward current . (a) 0.7 0.6 0.8 1.0 0.9 1.1 1.2 1.3 0.1 0.4 4 40 2 20 0.2 1 10 100 instantaneous forward voltage. (v) tj=125 c 0 8.3ms single half sine wave fig.1- maximum forward current derating curve per bridge element average for ward current . (a) 50 0 100 150 0 3 2 1 4 5 case temperature. ( c) o mounted on 4x4 inch copper pc board 0.5"(12.7mm) lead length version: a06 fig.4- typical junction capacitance 1 2 5 10 20 800 100 1000 600 500 400 300 200 100 0 reverse voltage. (v) 200 500 junction cap acitance.(pf) tj=25 c 0 50 0.1 0.5


▲Up To Search▲   

 
Price & Availability of TS4B06G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X